PART |
Description |
Maker |
M5M29KB_T331AVP M5M29KB M5M29KB/T331AVP M5M29KB331 |
Memory>NOR type Flash Memory CMOS 3.3V-ONLY, BLOCK ERASE FLASH MEMORY
|
Renesas Electronics Corporation.
|
AT88SC0404CA-MJ88SC0404 AT88SC0404CA-MP88SC0404 AT |
SPECIALTY MEMORY CIRCUIT, QMA SPECIALTY MEMORY CIRCUIT, DMA SPECIALTY MEMORY CIRCUIT WAFER SPECIALTY MEMORY CIRCUIT, PDIP8 GREEN, PLASTIC, PDIP-8 SPECIALTY MEMORY CIRCUIT, PTSO8 4.40 MM, GREEN, PLASTIC, TSSOP-8
|
Atmel, Corp. ATMEL CORP
|
AM41DL16X4D AM41DL1614DT70IS SPANSIONLLC-AM41DL162 |
16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (512 K x 8-Bit/256 K x 16-Bit) Static RAM SPECIALTY MEMORY CIRCUIT, PBGA69 Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
|
http:// ADVANCED MICRO DEVICES INC SPANSION LLC Advanced Micro Devices, Inc.
|
M5M29KE131BVP |
Memory>NOR type Flash Memory 134,217,728-BIT (16,777,216-WORD BY 8-BIT / 8,388,608-WORD BY 16-BIT) CMOS FLASH MEMORY Stacked-uMCP (micro Multi Chip Package)
|
Renesas Electronics Corporation
|
LH28F008SCHT LH28F008SCHT-85 LH28F008SCN-L120 LH28 |
8MBIT (1 MB x 8)Smart Voltage Flash Memory 40pin STSOP 8Mbit Flash Memory 8-MBIT(1 MB x 8) SmartVoltage Flash MEMORY 8MBIT (1 MB x 8)Smart Voltage Flash Memory 44pin PSOP
|
Sharp Electrionic Components
|
FM25640B-GTR FM25640B-G |
SPECIALTY MEMORY CIRCUIT, PDSO8 64Kb Serial 5V F-RAM Memory
|
Ramtron International Corporation http://
|
M14128 D10 D22 ST1331 ST1336 ST14C02C C20 C30 D15 |
Memory Card IC 256/128 Kbit Serial IC Bus EEPROM Memory Micromodules General Information for D1/ D2 and C Packaging Memory Micromodules General Information for D1, D2 and C Packaging Memory Micromodules General Information for D1 D2 and C Packaging
|
意法半导 STMICROELECTRONICS[STMicroelectronics]
|
BR34E02NUX-WTR |
DDR/DDR2 (For memory module) SPD Memory
|
Rohm
|
TE28F160B3T90 28F008B3 28F016B3 28F032B3 28F320B3 |
(TE28F Series) SMART 3 ADVANCED BOOT BLOCK 4-8-16-32-MBIT FLASH MEMORY FAMILY SMART 3 ADVANCED BOOT BLOCK 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY 2M X 8 FLASH 3V PROM, 110 ns, PBGA48 SMART 3 ADVANCED BOOT BLOCK 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY 512K X 16 FLASH 2.7V PROM, 90 ns, PDSO48 RES 10K-OHM 2% 0.25W 100PPM MET-FILM AXIAL TR-13 R-MIL-PRF-39017 智能高级启动34 - - 6 - 2 - Mbit闪存家庭 TVS UNI-DIR 70V 400W SMA 智能高级启动3 - - 6 - 2 - Mbit闪存家庭 SMART 3 ADVANCED BOOT BLOCK 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY 2M X 8 FLASH 2.7V PROM, 90 ns, PDSO40 SMART 3 ADVANCED BOOT BLOCK 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY 512K X 16 FLASH 3V PROM, 90 ns, PBGA48 SMART 3 ADVANCED BOOT BLOCK 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY 智能高级启动3 - - 6 - 2 - Mbit闪存家庭 SMART 3 ADVANCED BOOT BLOCK 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY 2M X 16 FLASH 2.7V PROM, 90 ns, PBGA48 SMART 3 ADVANCED BOOT BLOCK 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY 智能高级启动3 - - 6 - 32 - Mbit闪存家庭 SMART 3 ADVANCED BOOT BLOCK, 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY SMART 3 ADVANCED BOOT BLOCK BYTE-WIDE, 8-MBIT (1024K x 8), 16-MBIT (2056K x 8) FLASH MEMORY FAMILY
|
TE Connectivity, Ltd. Intel, Corp. Intel Corp. Intel Corporation
|
DSM2180F3 DSM2180F3-15K6 DSM2180F3-15T6 DSM2180F3- |
SPECIALTY MEMORY CIRCUIT, PQCC52 DSM (Digital Signal Processor System Memory) for analog devices ADSP-218X family (5 V supply)
|
STMicroelectronics
|
SC9302 SC9302A SC9302ALT SC9302AT |
1-MEMORY/2-MEMORY TONE/PULSE DIALER
|
Silan Microelectronics Joint-stock
|